Part Number Hot Search : 
20ETF P6SMB8XA CM5104WW MN6168 RH050 SM3JZ47 LB11872 BAT54
Product Description
Full Text Search
 

To Download FB201209B102 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fb 2012209 (0 805 ) series ? smd multilayer ferrite chip beads (high impedance) rev. a a. electrical specifications: p/n impedance ( ? ? fb201209z100 10 0.10 800 fb201209z300 30 0.10 800 fb201209z600 60 0.10 900 fb201209z800 80 0.15 600 fb201209z121 120 0.15 600 fb201209z221 220 0.20 700 fb20 1209z301 300 0.25 700 fb201209z601 600 0.35 500 fb201209z102 1000 0.50 500 fb201209u100 10 0.10 800 fb201209u110 11 0.10 900 fb201209u300 30 0.10 600 fb201209u600 60 0.10 800 fb201209u800 80 0.10 800 fb201209u121 120 0.10 800 fb201209u221 220 0.20 500 fb201209u301 300 0.20 500 fb201209u601 600 0.30 500 fb201209u102 1000 0.45 500 fb201209g070 7 0.10 800 fb201209g310 31 0.10 800 fb201209g600 60 0.15 700 fb201209g800 80 0.20 500 fb201209g121 120 0.20 600 fb201209g221 220 0. 20 500 fb201209g301 300 0.25 500 fb201209g601 600 0.45 300 fb201209g102 1000 0.45 300 fb201209g152 1500 0.45 400 fb201209g202 2000 0.60 300 fb201209g222 2200 0.60 300 fb201209g252 2500 0.60 300 fb201209g272 2700 0.65 300 fb201209b070 7 0. 15 600 fb201209b300 30 0.15 600 fb201209b600 60 0.20 300 fb201209b121 120 0.25 300 fb201209b221 220 0.35 300 fb201209b301 300 0.40 300 fb201209b601 600 0.50 300 FB201209B102 1000 0.60 300 b. dimensions: mm (in ch ) series a b c d e f g fb201209 2.0 ( 0.079) 1.2 ( 0.047) 0.9 (0.035) 0.5 ( 0.020) 3.20 (0.126 ) 1.50 (0.059 ) 0.60 (0.024 ) tol. 0.2 (0.008 ) 0.2 (0.008 ) 0.2 (0.008 ) 0.3 (0.012 ) typ. typ. typ. c. part number key : fb 20 09 12 y xxx impedance value material code: l, u, z, b or g dimensions: length (a) x width (b) x thickness (c) family: fb frontier electronics corp. ? page 1 of 2 667 e. coch ran st., simi v alley, ca 930 65 http://www.frontierusa.com phone: 1 - 805 - 522 - 9998, fax: 1 - 805 - 522 - 9989
fb 2012209 (0 805 ) series ? smd multilayer ferrite chip beads (high impedance) rev. a d. mater ials: item unit material code l b g u z initial permeability (iac): ---- 25 45 110 200 500 maximum permeability (m): ---- 125 125 250 450 900 saturation flux density at 10 oe: gauss 2000 2000 1700 1400 1500 curie temperature(tc): c >200 >200 >130 >100 >130 volume resistivity ( ): ? -m 100000 100000 100000 100000 100000 temperature coefficient: 1/10000c 10 10 13 5 12 density: g/cm3 4.8 4.8 4.8 4.8 4.8 e. impedance characteristics of materials: a. z material is for applications whose blocking regions are near 100 mhz. b. l material, an improvement of b material has sharp impedance characteristic at high frequency. c. g material is for application whose signal frequency is far from the cut off region. suitable for application requires low insertion loss at hi gh frequency. d. different materials are available for different application range. e. with one material, higher impedance has sharper characteristics. f. please confirm the signal wave form to choose suitable products. c. general inform ation 1. fb 2012 0 9 - yxxx , ? fb 2012 0 9? = p/n , ?y? = material, ?xxx? = impedance. 2. tolerance: 25% 3. small and lightweight surface mounting type . 4. dimensions are suitable for automatic mounting 5. high - density packagin g with a pitch of 2.54 mm (0.1 inch) max. is poss ible. this series require s less space and have greater emi suppression effects. 6. different types with the same shape are available. 7. excellent in physical properties, such as terminal strength, flexure strength, soldering resistance and solder - ability. 8. appli cable to both flow and ir reflow soldering. 9. high impedance covers wide frequency ranges. 10. ti series can be used in high current circuits due to its low dc resistance. 11. operating temperature: -40c to +125oc . 12. imped ance and current range: from 7 ? (800 ma) to 27 00 ? (3 00 ma) 13. unspecified values available on request. 14. msl: level 1. d. applications 1. game consoles 2. set top boxes 3. cables modems 4. computers 5. mobile communication devices (cell phones, radios, etc.) frontier electronics corp. ? page 2 of 2 667 e. coch ran st., simi v alley, ca 930 65 http://www.frontierusa.com phone: 1 - 805 - 522 - 9998, fax: 1 - 805 - 522 - 9989


▲Up To Search▲   

 
Price & Availability of FB201209B102

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X